PART |
Description |
Maker |
MAX685 MAX685EEE |
Dual-Output Positive and Negative / DC-DC Converter for CCD and LCD Dual D-type Positive-Edge-Triggered Flip-Flops With Preset And Clear 14-CFP -55 to 125 Dual-Output Positive and Negative, DC-DC Converter for CCD and LCD
|
Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products]
|
MSK5000 MSK5000BTD MSK5000BTS MSK5000BTU MSK5000ZU |
DUAL POSITIVE/NEGATIVE, 3 AMP, LOW DROPOUT FIXED VOLTAGE REGULATORS
|
ETC MSK[M.S. Kennedy Corporation]
|
ICL7663S05 ICL7663SCBAZA ICL7663SACBAZA ICL7663SCP |
CMOS Programmable Micropower Positive Voltage Regulator; Temperature Range: 0°C to 70°C; Package: 8-SOIC T&R 1.3 V-16 V ADJUSTABLE POSITIVE REGULATOR, PDSO8 1.3 V-16 V ADJUSTABLE POSITIVE REGULATOR, PDIP8
|
Intersil, Corp. INTERSIL[Intersil Corporation]
|
ICL7663SACBA-T ICL7663SAIBA ICL7663SAIJA |
CMOS Programmable Micropower Positive Voltage Regulator; Temperature Range: 0°C to 70°C; Package: 8-SOIC T&R 1.3 V-16 V ADJUSTABLE POSITIVE REGULATOR, PDSO8 1.3 V-16 V ADJUSTABLE POSITIVE REGULATOR, CDIP8
|
Fujitsu, Ltd. HARRIS SEMICONDUCTOR
|
IP7805A IP7805SMD IP7812 IP7812A LM140 LM140K-12 L |
1 AMP POSITIVE VOLTAGE REGULATOR 1.5A, 15V Positive Voltage Regulator 1 AMP Positive Voltage Regulator(1.5 A ,5V绋冲??? 1 AMP Positive Voltage Regulator(1.5 A ,15V稳压 1 AMP positive vlotage regulators 1 AMP Positive Voltage Regulators Voltage Regulator 12 V FIXED POSITIVE REGULATOR, MSFM3 Voltage Regulator 15 V FIXED POSITIVE REGULATOR, MSFM3 Voltage Regulator 电压调节 Voltage Regulator 15 V FIXED POSITIVE REGULATOR, MBFM2 1AMP POSITIVE VOLTAGE REGULATOR 5 V FIXED POSITIVE REGULATOR, MSFM3 1 AMP Positive Voltage Regulator(1.5 A ,12V绋冲??? 1.5A, 5V Positive Voltage Regulator
|
SEME-LAB[Seme LAB] TT electronics Semelab Limited Semelab(Magnatec) TT electronics Semelab, Ltd. TE Connectivity, Ltd. Semtech, Corp. Analog Integrations, Corp. Amphenol, Corp. SEMELAB LTD
|
MSK5332-10D MSK5332-5.0ES MSK5332-15U MSK5332-15HT |
NEGATIVE, 3 AMP, LOW DROPOUT VOLTAGE REGULATOR 负,3安培,低压差稳压 NEGATIVE, 3 AMP, LOW DROPOUT VOLTAGE REGULATOR 5 V FIXED NEGATIVE LDO REGULATOR, 1.2 V DROPOUT, PSIP3 NEGATIVE, 3 AMP, LOW DROPOUT VOLTAGE REGULATOR 5 V FIXED NEGATIVE LDO REGULATOR, 1.3 V DROPOUT, PSFM3 NEGATIVE, 3 AMP, LOW DROPOUT VOLTAGE REGULATOR 5 V FIXED NEGATIVE LDO REGULATOR, 1.2 V DROPOUT, PSFM3 NEGATIVE, 3 AMP, LOW DROPOUT VOLTAGE REGULATOR 5.2 V FIXED NEGATIVE LDO REGULATOR, 1.2 V DROPOUT, PSSO3 NEGATIVE, 3 AMP, LOW DROPOUT VOLTAGE REGULATOR 5.2 V FIXED NEGATIVE LDO REGULATOR, 1.2 V DROPOUT, PSFM3
|
M.S. Kennedy, Corp. MS KENNEDY CORP
|
LTC3704EMSTRPBF LTC3704EMSPBF |
Wide Input Range, No RSENSE Positive-to-Negative DC/DC Controller; Package: MSOP; No of Pins: 8; Temperature Range: -40°C to 125°C 0.05 A SWITCHING CONTROLLER, 1000 kHz SWITCHING FREQ-MAX, PDSO10 Wide Input Range, No RSENSE Positive-to-Negative DC/DC Controller; Package: MSOP; No of Pins: 10; Temperature Range: -40°C to 125°C 0.05 A SWITCHING CONTROLLER, 1000 kHz SWITCHING FREQ-MAX, PDSO10
|
Linear Technology, Corp.
|
IP140MA IP78M00A IP140M IP78M00 IP78M12H-883B IP14 |
THREE-TERMINAL POSITIVE FIXED VOLTAGE REGULATORS 0.5 AMP Positive Voltage Regulator(0.5 A ,12V稳压 0.5 AMP Positive Voltage Regulator(0.5 A ,5V稳压 CGrid VT SMT Rcpt w/peg 30 SAu 42Ckt Voltage Regulator 5 V FIXED POSITIVE REGULATOR, MBCY3 Voltage Regulator 电压调节 0.5 AMP Positive Voltage Regulator(0.5 A ,15V稳压 0.5安培正电压稳压器.5甲,15V的稳压器 Voltage Regulator 12 V FIXED POSITIVE REGULATOR, MBCY3
|
SEME-LAB[Seme LAB] Semelab(Magnatec) TT electronics Semelab Limited TT electronics Semelab, Ltd. HI-SINCERITY MICROELECTRONICS, CORP. SEMELAB LTD
|
MC78L05AA MC78L05AACP MC78L05ACD MC78L05ACH MC78L0 |
3-TERMINAL 0.1A POSITIVE VOLTAGE REGULATORS Search --To LM78L05ACZ 5.0 AMP POSITIVE VOLTAGE REGULATOR 12 V FIXED POSITIVE REGULATOR, PSSO3 5.0 AMP POSITIVE VOLTAGE REGULATOR 5.0放大器正电压稳压 5.0 AMP POSITIVE VOLTAGE REGULATOR 9 V FIXED POSITIVE REGULATOR, PBCY3 5.0 AMP POSITIVE VOLTAGE REGULATOR 5 V FIXED POSITIVE REGULATOR, PBCY3
|
FAIRCHILD[Fairchild Semiconductor] Fairchild semiconductors http:// Fairchild Semiconductor, Corp.
|
OM2990STM 5962-9571001MUA 5962-9571002MUA 5962-957 |
Three Terminal, Fixed Voltage, Low Dropout Negative Voltage Regulator In Hermetic Packages 15 V FIXED NEGATIVE LDO REGULATOR, 1 V DROPOUT, CQCC20 SC70/µDFN, Single/Dual Low-Voltage, Low-Power µP Reset Circuits 高可靠性的固定电压低压差三端负稳压 Hi-Rel Fixed Voltage Low Dropout 3-Terminal Negative Regulator 高可靠性的固定电压低压差三端负稳压 15 V FIXED NEGATIVE LDO REGULATOR, 1 V DROPOUT, MSFM3 HERMETIC SEALED, TO-257AA, 3 PIN SC70/µDFN, Single/Dual Low-Voltage, Low-Power µP Reset Circuits Three Terminal, Fixed Voltage, Low Dropout Negative Voltage Regulator In Hermetic Packages 三端,固定电压,低压差负电压稳压器在气密封装 Three terminal, fixed voltage, negative voltage regulator
|
Amphenol, Corp. Sony, Corp. International Rectifier, Corp. Kontron AG IRF[International Rectifier] Omnirel
|
DO1608-103 DO1608-223 DO1608-472 CD43-100 LT1945 L |
Dual Micropower DC/DC Converter with Positive and Negative Outputs 双微功率DC / DC变换器的正,负输 CONNECTOR ACCESSORY 连接器附 Dual 250mA Micropower DC/DC Converter
|
Linear Technology, Corp. Linear Technology Corporation LINER[Linear Technology]
|